PART |
Description |
Maker |
P4C116L-35PC P4C116L-35JC P4C116L-35DC P4C116L-35D |
100mA LDO with Shutdown & /Error out & V REF Bypass, -40C to 125C, 6-SOT-23, T/R 50mA LDO with Shutdown & /Error out & V REF Bypass, -40C to 125C, 6-SOT-23, T/R 50mA LDO with Shutdown & /Error output, -40C to 125C, 5-SOT-23, T/R 100mA LDO with Shutdown & /Error output, -40C to 125C, 5-SOT-23, T/R 80 Ma Tiny CMOS, w/shutdown, -40C to 125C, 5-SC-70, T/R x8 SRAM x8的SRAM 100mA LDO with Shutdown & /Error out & V REF Bypass, -40C to 125C, 6-SOT-23, T/R x8的SRAM 100mA LDO with Shutdown & /Error output, -40C to 125C, 5-SOT-23, T/R x8的SRAM
|
Pyramid Semiconductor, Corp. Electronic Theatre Controls, Inc. Analog Devices, Inc.
|
TC1223-13 |
50mA and 100mA CMOS LDOs with Shutdown
|
Microchip Technology
|
TC1185 TC1015 TC1014 TC1015-2.6VCT713 TC1185-2.6VC |
The TC1014, TC1015, and TC1185 are high accuracy (typically ±0.5%) CMOS upgrades for older (bipolar) low dropout regulators such as the LP2980. Designed specifically for battery-operated systems, the devices’ CMOS construction e The TC1014, TC1015, and TC1185 are high accuracy (typically ±0.5%) CMOS upgrades for older (bipolar) low dropout regulators ... 50mA, 100mA and 150mA CMOS LDOs with Shutdown and Reference Bypass 50mA 100mA and 150mA CMOS LDOs with Shutdown and Reference Bypass
|
MICROCHIP[Microchip Technology]
|
TC107207 |
50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
|
Microchip Technology
|
TC1016_05 TC1016-1.85VCTTR TC1016-1.85VLTTR TC1016 |
80 mA, Tiny CMOS LDO With Shutdown
|
MICROCHIP[Microchip Technology]
|
TC1017-2.7VLT TC1017 TC1017-4.0VLT TC1017-1.8VLT T |
150 mA, Tiny CMOS LDO With Shutdown
|
MICROCHIP[Microchip Technology]
|
LR1185L-4B-AE5-R LR1185G-4B-AE5-R |
150mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS
|
Unisonic Technologies
|
TC110713 |
300mA CMOS LDO with Shutdown and VREF Bypass Linear Regulators
|
Microchip Technology Microchip Technology, Inc.
|
TC1263_05 TC1263-2.5VAT TC1263-2.5VET TC1263-2.5VE |
500 mA, Fixed-Output, CMOS LDO with Shutdown The TC1263 is a fixed output, high accuracy (typically ±0.5%) CMOS low dropout regulator. Designed specifically for battery-operated ...
|
MICROCHIP[Microchip Technology]
|
TC56 TC562502ECT TC563002ECT TC563302ECT |
The TC56 is a low supply current (11 µA typ at VOUT =3V), low dropout CMOS linear regulator, with a 10V maximum input voltage range. CMOS construction eliminates wasted ground current typical of bipolar regulators for greater system e 150mA, 10V LDO with Shutdown
|
MICROCHIP[Microchip Technology]
|
MIC4555 MIC4555YML MIC455511 |
SIM Card Level Shifter with 50mA LDO
|
Micrel Semiconductor
|